PART |
Description |
Maker |
BD616LV4017AC-55 BD616LV4017AC-70 BD616LV4017ACG55 |
Very Low Power/Voltage CMOS SRAM 256K X 16 bit D-Subminiature Connector; Gender:Male; No. of Contacts:15; Contact Termination:IDC; D Sub Shell Size:DB15; Body Material:Steel; Contact Plating:Gold Over Nickel RoHS Compliant: Yes 非常低功电压CMOS SRAM56 × 16 CONNECTOR ELECTRICAL 非常低功电压CMOS SRAM56 × 16 Very Low Power/Voltage CMOS SRAM 256K X 16 bit 非常低功电压CMOS SRAM56 × 16 D-Subminiature Connector; Gender:Male; No. of Contacts:25; Contact Termination:IDC; D Sub Shell Size:DB25; Body Material:Steel; Contact Plating:Gold Over Nickel RoHS Compliant: Yes D-Subminiature Connector; Gender:Male; No. of Contacts:9; Contact Termination:IDC; D Sub Shell Size:DB9; Body Material:Steel; Contact Plating:Gold Over Nickel RoHS Compliant: Yes Asynchronous 4M(256Kx16) bits Static RAM
|
Electronic Theatre Controls, Inc. ETC BSI Brilliance Semiconductor Brilliance Semiconducto...
|
801-012-02ZB5-3CA 801-012-03ZB5-3CA 801-012-07ZB5- |
Double-Start ACME Thread 4 CONTACT(S), STAINLESS STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 13 CONTACT(S), STAINLESS STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE CONNECTOR ACCESSORY 1 CONTACT(S), STAINLESS STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 2 CONTACT(S), STAINLESS STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 85 CONTACT(S), STAINLESS STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE
|
Glenair, Inc. http:// GLENAIR INC
|
M80-5L1040500-00-000-04-333 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, No jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10222M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 2 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
802-013-03Z17-10EA 802-013-00Z17-10EA 802-013-07Z1 |
Hermetic Receptacles for PCB or Solder Cup 26 CONTACT(S), STAINLESS STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 10 CONTACT(S), STAINLESS STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE
|
Glenair, Inc. http:// GLENAIR INC
|
220-10E20-30P4 220-00H20-30P4 220-10H20-30P4 220-0 |
30 CONTACT(S), STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 10 CONTACT(S), STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE CONNECTOR ACCESSORY 4 CONTACT(S), STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 38 CONTACT(S), STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 32 CONTACT(S), STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 6 CONTACT(S), STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE
|
Glenair, Inc. GLENAIR INC
|
M80-5T11022M3-03-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5000000M1-05-336-00-000 M80-5000000M1-04-331-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 4 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 7 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T202M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 2 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
|